Part Number Hot Search : 
1N5657E3 CDRH4 LT1121 PT224 50500 IN74AC04 FM102SPT 26001
Product Description
Full Text Search
 

To Download GMR7590-31P2ANM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-28 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590 right angle micro-d connectors save space on your circuit board C these micro-d connectors feature .075 x .075 inch terminal spacing. glenair's gmr7590 offers size and weight savings compared to traditional .100" pitch connectors. high performance C approved for british standard bs9000, gmr7590 connectors meet the performance requirements of mil-dtl-83513. gold plated twistpin contacts assure best electrical and mechanical performance. gmr7590 jackpost options nn nu, nm sn su, sm tu,vu,wu,xu,yu tm,vm,wm,xm,ym no jackpost, no threaded insert in pcb mtng hole no jackpost, threaded insert in pcb mounting hole jackpost installed, no threaded insert in pcb mounting hole jackpost with threaded insert jackpost for rear panel mounting how to order gmr7590 right angle .075" pitch connec tors series number of contacts contact t ype t ail length in. (mm.) shell plating finish hardware option gold-plated t erminal mod code gmr7590 micro-d metal shell, right angle mount pcb 9 15 21 25 31 37 51 100 p pin s socket 1 C .109" (2.76) 2 C .150" (3.81) 3 C .190" (4.83) 4 C .250" (6.35) 5 C staggered tail length length in inches .015 (0.38) a C cadmium b C nickel c C allochrome d C black anodize e C gold nn C no jackpost, no threaded insert nu Cun threaded insert only, no jackposts nm Cmetric threaded insert only, no jackposts su Cshort jackpost and un threaded insert sm Cshort jackpost and metric threaded insert rear panel mount jackposts and threaded inserts un threads metric threads panel thickness tu tm .094" (2.4) vu vm .062" (1.6) wu wm .047" (1.2) xu xm .031" (0.8) yu ym .023" (0.6) these connectors are solder-dipped in 63/37 tin-lead solder. t o delete the solder dip and change to gold-plated terminals, add code 513 sample part number gmr7590 C 31 s 2 b su
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-29 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590 connec tor dimensions layout a max. b c max. d max. e max. f g max. h in. mm. in . .005 mm. 0.13 in . mm. in . mm. in. mm. in . .003 mm. 0.08 in. mm. in. .010 mm. 0.25 9p .785 19.94 .565 14.35 .335 8.51 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .250 6.35 9s .785 19.94 .565 14.35 .400 10.16 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .250 6.35 15p .935 23.75 .715 18.16 .485 12.32 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .250 6.35 15s .935 23.75 .715 18.16 .550 13.97 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .250 6.35 21p 1.085 27.56 .865 21.97 .635 16.13 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .250 6.35 21s 1.085 27.56 .865 21.97 .700 17.78 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .250 6.35 25p 1.185 30.01 .965 24.51 .735 18.67 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .250 6.35 25s 1.185 30.01 .965 24.51 .800 20.32 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .250 6.35 31p 1.335 33.91 1.115 28.32 .885 22.48 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .250 6.35 31s 1.335 33.91 1.115 28.32 .950 24.13 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .250 6.35 37p 1.485 37.72 1.265 32.13 1.035 26.29 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .250 6.35 37s 1.485 37.72 1.265 32.13 1.100 27.94 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .250 6.35 51p 1.435 36.45 1.215 30.86 .985 25.02 .228 5.79 .351 8.92 .183 4.65 .490 12.45 .300 7.62 51s 1.435 36.45 1.215 30.86 1.050 26.67 .294 7.47 .351 8.92 .195 4.95 .490 12.45 .300 7.62 100p 2.170 55.12 1.800 45.72 1.384 35.15 .271 6.88 .394 10.00 .183 4.65 .660 16.76 .400 10.16 100s 2.170 55.12 1.800 45.72 1.508 38.30 .394 10.00 .394 10.00 .195 4.95 .660 16.76 .400 10.16 staggered leads e d a b c f g h .150 (3.81) .015 (0.38) .050 (1.27) .050 (1.27) gmr7590 right angle micro-d connectors sizes 9 thru 51 thread size is #2-56 unc or m2. size 100 thread size is #4-40 or m3. sizes 9 thru 51 mounting hole is .088/094 (2.24/2.39) size 100 mounting hole is .145/.150 (3.68/3.81) ma terials and finishes connector shell aluminum alloy 6061 or stainless steel, 300 series, passivated. see ordering info for plating options insulator, tray liquid crystal polymer (lcp) interfacial seal flourosilicone rubber, blue pin contact beryllium copper gold over nickel plating socket contact copper alloy gold over nickel plating pcb terminals gold plated copper alloy, solder dipped hardware 300 series stainless steel encapsulant epoxy resin hysol ee4215 performance specifica tions current rating 3 amp dwv 600 vac sea level insulation resistance 5000 megohms minimum contact resistance 8 milliohms maximum low level contact resist. 32 milliohms maximum magnetic permeability 2 maximum operating temperature -55 c. to +150 c. shock, vibration 50 g., 20g. mating force (10 ounces) x (# of contacts) ta il length .015 (0.38) .020 (0.5) .002 (0.1)
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-30 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p .133 (3.38) .075 (1.91) .0375 (0.95) .0375 (0.95) c l .565 (14.35) .075 (1.91) .0375 (0.95) connector flange .250 (6.35) 1 67 3 89 24 5 gmr7590 connec tor p cb layouts C pin connec tors 9 pin 15 pin 21 pin 25 pin 31 pin 37 pin 51 pin 100 pin gmr7590 right angle micro-d connectors .170 (4.32) .075 (1.91) .0375 (0.95) c l .715 (18.16) . 075 (1.91) connector flange .250 (6.35) 6 31 2 10 11 13 14 15 9 17 8 245 .170 (4.32) .075 (1.91) .0375 (0.95) c l .865 (21.97) .075 (1.91) connector flange .250 (6.35) 17 8 245 12 13 15 16 14 18 19 20 21 17 6 3 10 11 9 .183 (4.65) .075 (1.91) .0375 (0.95) c l .965 (24.51) . 075 (1.91) connector flange .250 (6.35) 15 16 18 19 20 21 14 17 1 6 7 31 2 10 11 13 89 2 4 5 22 24 23 25 .183 (4.65) .075 (1.91) .0375 (0.95) c l 1.115 (28.32) .075 (1.91) connector flange .250 (6.35) 1 6 7 31 2 10 11 13 15 16 18 19 20 21 14 17 89 2 4 5 22 24 23 25 26 27 28 29 30 31 .183 (4.65) .075 (1.91) .0375 (0.95) c l 1.265 (32.13) .075 (1.91) connector flange .250 (6.35) 1 6 7 31 2 10 11 13 15 16 18 19 20 21 14 17 89 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 36 37 .0375 (0.95) .263 (6.68) .075 (1.91) .0375 (0.95) c l 1.800 (45.72) .075 (1.91) connector flange .400 (10.16) 1 6 7 31 2 10 11 13 15 16 18 19 20 21 14 17 8 9 2452 2 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 97 98 99 100 87 88 89 90 91 92 93 94 95 96 gmr7590 right angle micro-d connectors patterns shown are for connector mounting side of pc board. .0375 (0.95) .120 (3.05) .075 (1.91) .0375 (0.95) c l 1.215 (30.86) .075 (1.91) connector flange .300 (7.62) 16 7 3 12 10 11 13 15 16 18 19 20 21 14 17 89 245 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-31 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590 connec tor p cb layouts C socket connec tors 9 socket 15 socket 21 socket 25 socket 31 socket 37 socket 51 socket 100 socket gmr7590 right angle micro-d connectors .133 (3.38) .075 (1.91) .0375 (0.95) .0375 (0.95) c l .565 (14.35) .075 (1.91) .0375 (0.95) 1 6 7 3 8 9 2 4 5 connector flange .250 (6.35) .565 (14.35) .170 (4.32) .075 (1.91) .0375 (0.95) c l .715 (18.16) . 075 (1.91) 63 12 10 11 13 14 15 9 1 7 82 4 5 connector flange .250 (6.35) .170 (4.32) .075 (1.91) .0375 (0.95) c l .865 (21.97) .075 (1.91) 1 7 82 4 5 12 13 15 16 14 18 19 20 21 17 63 10 11 9 connector flange .250 (6.35) .183 (4.65) .075 (1.91) .0375 (0.95) c l .965 (24.51) . 075 (1.91) 15 16 18 19 20 21 14 17 1 6 7 3 12 10 11 13 8 92 4 5 22 24 23 25 connector flange .250 (6.35) .183 (4.65) .075 (1.91) .0375 (0.95) c l 1.115 (28.32) .075 (1.91) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 92 4 5 22 24 23 25 26 27 28 29 30 31 connector flange .250 (6.35) .183 (4.65) .075 (1.91) .0375 (0.95) c l 1.265 (32.13) .075 (1.91) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 92 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 36 37 connector flange .250 (6.35) .0375 (0.95) .263 (6.68) .075 (1.91) .0375 (0.95) c l 1.800 (45.72) .075 (1.91) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 97 98 99 100 87 88 89 90 91 92 93 94 95 96 connector flange .400 (10.16) patterns shown are for connector mounting side of pc board. .0375 (0.95) .075 (1.91) .0375 (0.95) c l 1.215 (30.86) .075 (1.91) 1 6 73 12 10 11 13 15 16 18 19 20 21 14 17 8 92 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 connector flange .300 (7.62) .120 (3.05)


▲Up To Search▲   

 
Price & Availability of GMR7590-31P2ANM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X